Part Number Hot Search : 
14N03L KS8993I DTC14 KBL10 CLL5237A 104J100 XF001 73120
Product Description
Full Text Search
 

To Download APT2012SEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
APT2012SEC
SUPER BRIGHT ORANGE
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Orange device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAA4820 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1203001858
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APT2012SEC SUPER BRIGHT ORANGE (InGaAlP) WATER CLEAR 70 Typ. 200 Viewing Angle 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Typ. 610 601 29 30 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Orange 75 30 195 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAA4820 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1203001858
Super Bright Orange
APT2012SEC
SPEC NO: DSAA4820 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1203001858
APT2012SEC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAA4820 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/19/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP:1203001858


▲Up To Search▲   

 
Price & Availability of APT2012SEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X